Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download 1SS356 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS356
Diodes
Band switching diode
1SS356
!Applications High frequency switching !External dimensions (Units : mm)
CATHODE MARK
!Construction Silicon epitaxial planar
0.30.05 +0.2 0.7 -0.1 1.250.1
2.50.2
1.70.1
!Features 1) Small surface mounting type. (UMD2) 2) High reliability.
0.1+0.1 -0.05
ROHM : UMD2 EIAJ : SC - 76 JEDEC : SOD - 323
!Absolute maximum ratings (Ta=25C)
Parameter DC reverse voltage DC forward current Junction temperature Storage temperature Symbol VR IF Tj Tstg Limits 35 100 125 -55~+125 Unit V mA
C C
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Forward operating resistance Symbol VF IR CT rF Min. - - - - Typ. - - - - Max. 1.0 10 1.2 0.9 Unit V nA pF IF=10mA VR=25V VR=6V, f=1MHz IF=2mA, f=100MHz Conditions
1SS356
Diodes
!Electrical characteristic curves (Ta=25C)
1
FORWARD CURRENT : IF(mA)
10.0
CAPACITANCE BETWEEN TERMINALS : CT (pF)
3
10m 1m 100 10 1 100n 0.4
REVERSE CURRENT : IR (nA)
100m
2
1.0
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1 0
10
20
30
40
50
0 0
10
20
30
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR (V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
Fig. 3 Capacitance between terminals characteristics
FORWARD OPERATING RESISTANCE : rF ()
1.0 f=100MHz
0.5
0.2
0 1
2
5
10
FORWARD CURRENT : IF (mA)
Fig. 4 Forward operating resistance characteristics


▲Up To Search▲   

 
Price & Availability of 1SS356

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X